Part Number Hot Search : 
2N6073B 54193 AD542KH 28F160 2SC4269 CXH16 CVA6627S KIA7924F
Product Description
Full Text Search
 

To Download AD8615 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Precision 20 MHz CMOS Rail-to-Rail Input/Output Operational Amplifiers Preliminary Technical Data AD8615/AD8616/AD8618
FEATURES Low Offset Voltage: 80V typ. 300 V max Single-Supply Operation: 2.7 to 6 Volts Low Noise: 8 nV/Hz Wide Bandwidth: 20 MHz Slew Rate: 12 V/s Low Distortion No Phase Reversal Low Input Bias Currents Unity Gain Stable APPLICATIONS Barcode Scanners Battery Powered Instrumentation Multi-pole Filters Sensors ASIC Input or Output Amplifier Audio Photodiode amplification GENERAL DESCRIPTION The AD8615, AD8616 and AD8618 are single, dual and quad rail-to-rail input and output single supply amplifiers featuring very low offset voltage, wide signal bandwidth, and low input voltage and current noise. These amplifiers use a patented trimming technique that achieves superior precision without laser trimming. All are fully specified to operate from +3V to +5V single supply. The combination of low offsets, low noise, very low input bias currents, and high speed make these amplifiers useful in a wide variety of applications. Filters, integrators, photo-diode amplifiers and high impedance sensors all benefit from the combination of performance features. Audio and other AC applications benefit from the wide bandwidth and low distortion. Applications for these amplifiers include Portable and looppowered instrumentation, audio amplification for portable devices, portable phone headsets, bar code scanners, and multi-pole filters. The ability to swing rail-to-rail at both the input and output enables designers to buffer CMOS ADCs, DACs, ASICs and other wide output swing devices in single supply systems. The AD8615, AD8616 and AD8618 are specified over the extended industrial (-40 to +125C) temperature range. The AD8615, single, is available in the tiny 5-lead SOT-23 package. The AD8616, dual, is available in the 8-lead microSOIC and narrow SOIC surface mount packages. The REV. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective companies.
AD8618, quad, is available in 14-lead TSSOP and narrow 14pin SOIC packages. SOT, MSOP and TSSOP versions are available in tape and reel only. PIN CONFIGURATIONS 5-Lead SOT (RJ-5) 8-Lead MSOP (RM-8)
AD8615
AD8616
8-Lead SO (R-8)
14-Lead TSSOP (RU-14)
AD8616 AD8618
14-Lead SO (R-14)
AD8618
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) 2003 Analog Devices, Inc. All rights reserved.
Preliminary Technical Data
ELECTRICAL CHARACTERISTICS
Parameter INPUT CHARACTERISTICS Offset Voltage Symbol VOS Conditions VCM = 0V to 3V -40< TA < +125C Input Bias Current IB -40< TA < +85C -40< TA < +125C Input Offset Current IOS -40< TA < +85C -40< TA < +125C Input Voltage Range Common-Mode Rejection Ratio Large Signal Voltage Gain Offset Voltage Drift OUTPUT CHARACTERISTICS Output Voltage High CMRR AVO VOS/T VOH IL = 1mA -40C < TA < +125C IL = 1mA -40C < TA < +125C f=1 MHz, AV = 1 VS = 2.7 V to 5.5 V VO = 0V -40< TA < +125C RL =2 k To 0.01% VCM = 0V to 3V RL = 2 k VO= 0.5V to 2.5V
AD8615/AD8616/AD8618
Min Typ 80 Max 300 750 0.2 60 100 100 30 50 500 3 Units V V pA pA pA pA pA pA V dB V/mV V/C V V 35 50 mV mV mA dB mA mA V/s s MHz degrees nV/Hz nV/Hz pA/Hz
(VS=+3.0V, VCM = VS/2, TA=+25C unless otherwise noted)
0.1
0 68 30
83 100 2
2.92 2.88
2.95
Output Voltage Low Output Current Closed Loop Output Impedance POWER SUPPLY Power Supply Rejection Ratio Supply Current/Amplifier DYNAMIC PERFORMANCE Slew Rate Settling Time Gain Bandwidth Product Phase Margin NOISE PERFORMANCE Voltage Noise Density Voltage Noise Density Current Noise Density
VOL IOUT ZOUT PSRR ISY
20 150 12 67 80 1.6
2.0 TBD
SR ts GBP Oo en en in
12 <0.25 20 40 8 6 0.05
f=1kHz f=10kHz f=1kHz
-2-
Rev PrA 6/2/03
Preliminary Technical Data
ELECTRICAL CHARACTERISTICS
Parameter INPUT CHARACTERISTICS Offset Voltage Symbol VOS
AD8615/AD8616/AD8618
Max 300 750 0.2 60 100 1000 30 50 500 5 89 70 2 Units V V pA pA pA pA pA pA V dB V/mV V/C V V V 30 175 250 mV mV mV mA dB 2.0 TBD mA mA V/s s kHz MHz degrees nV/Hz nV/Hz pA/Hz
(@ VS=+5.0V, VCM = VS/2, TA=+25C unless otherwise noted) Conditions Min Typ VCM = 0V to 5V -40< TA < +125C 80
Input Bias Current
IB -40< TA < +85C -40< TA < +125C
Input Offset Current
IOS -40< TA < +85C -40< TA < +125C
0.1
Input Voltage Range Common-Mode Rejection Ratio Large Signal Voltage Gain Offset Voltage Drift OUTPUT CHARACTERISTICS Output Voltage High
CMRR AVO VOS/T VOH
VCM = 0V to 5V VO= 0.5V to 4.5V, RL = 2 k , VCM= 0V
0 74 30
IL = 1mA IL = 10mA -40C to +125C IL = 1mA IL = 10mA -40C to +125C
4.925 4.7 4.6
4.975 4.77
Output Voltage Low Output Voltage High
VOL VOL
15 125
Output Current Closed Loop Output Impedance POWER SUPPLY Power Supply Rejection Ratio Supply Current/Amplifier DYNAMIC PERFORMANCE Slew Rate Settling Time Full Power Bandwidth Gain Bandwidth Product Phase Margin NOISE PERFORMANCE Voltage Noise Density Voltage Noise Density Current Noise Density
IOUT ZOUT PSRR ISY f=1 MHz, AV = 1 VS = 2.7 V to 5.5 V VO = 0V -40< TA < +125C RL =2 k To 0.01% <1% Distortion 67
50 10 80 1.3
SR ts BWp GBP Oo en en in
12 <.5 TBD 20 40 8 6 0.05
f=1kHz f=10kHz f=1kHz
-3-
Rev PrA 6/2/03
Preliminary Technical Data
ABSOLUTE MAXIMUM RATINGS1 Supply voltage ...........................................................................+6V Input Voltage....................................................................Gnd to Vs Differential Input Voltage .........................................................6V Output Short-Circuit Duration to Gnd2 ....Observe Derating Curves Storage Temperature Range R, RT, RM, RU Package ............................... -65C to +150C Operating Temperature Range AD8615/AD8616/AD8618............................ -40C to +125C Junction Temperature Range R, RT, RM, RU Package ............................... -65C to +150C Lead Temperature Range (Soldering, 60 Sec) ...............+300C
AD8615/AD8616/AD8618
Package Type 5-Pin SOT-23 (RT) 8-Pin microSOIC (RM) 8-Pin SOIC (R) 14-Pin SOIC (R) 14-Pin TSSOP (RU)
NOTES
1 Absolute maximum ratings apply at 25C, unless otherwise noted. 2 is specified for the worst-case conditions, i.e., is specified for device soldered in JA JA circuit board for surface mount packages.
JA 230 210 158 120 180
JC -45 43 36 35
Units C/W C/W C/W C/W C/W
ORDERING GUIDE Temperature Range -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C Package Description 5-Pin SOT-23 8-Pin micro-SOIC 8-Pin SOIC 16-Pin SOIC 16-Pin TSSOP Package Option RT-5 RM-8 R-8 R-16 RU-16 Branding Information
Model AD8615ARJ AD8616ARM AD8616AR AD8618AR AD8618ARU
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this device features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
-4-
Rev PrA 6/2/03
Preliminary Technical Data
5-Lead SOT-23 (RJ Suffix)
AD8615/AD8616/AD8618
8-Lead ?SOIC (RM-8)
OUTLINE DIMENSIONS
14-Lead TSSOP (RU-14)
8-Lead SO (R-8)
14-Lead SO (R-14)
-5-
Rev PrA 6/2/03


▲Up To Search▲   

 
Price & Availability of AD8615

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X